Part Number Hot Search : 
NSG163P GCJ31 XSXR2 AK5365 SIM548 00002 HT12B MA147
Product Description
Full Text Search
 

To Download BZX85C3V0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX85C Series
VZ : 2.7 to 200V PD : 1.3W
FEATURES :
* Silicon planar power zener diodes. * For use in stabilizing and clipping circuits with high power rating. * Standard zener voltage tolerance is 5% * Other tolerances are available upon request. * Pb / RoHS Free
ZENER DIODES
DO - 41 Glass (DO-204AL)
0.102(2.6 )max.
1.00 (25.4) min.
Cathode Mark
0.161 (4.1) max.
0.034 (0.86)max.
1.00 (25.4) min.
MECHANICAL DATA :
Case: DO-41 Glass Case Weight: approx. 0.25g Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified.
Maximum Ratings and Thermal Characteristics
Parameter
Zener Current see Table "Characteristics" Maximum Forward Voltage at IF = 200 mA. Power Dissipation at Ta = 25C Thermal Resistance Junction to Ambient Air Junction temperature Storage temperature range VF PD RJA TJ TS 1.2 1.3(1) 130(1) 175 -55 to + 175 V W C/W C C
Symbol
Value
Unit
Note: (1) Valid provided that leads at a distance of 3/8" from case are kept at ambient temperature.
Page 1 of 2
Rev. 04 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified
Type Number
BZX85C2V7G BZX85C3V0G BZX85C3V3G BZX85C3V6G BZX85C3V9G BZX85C4V3G BZX85C4V7G BZX85C5V1G BZX85C5V6G BZX85C6V2G BZX85C6V8G BZX85C7V5G BZX85C8V2G BZX85C9V1G BZX85C10G BZX85C11G BZX85C12G BZX85C13G BZX85C15G BZX85C16G BZX85C18G BZX85C20G BZX85C22G BZX85C24G BZX85C27G BZX85C30G BZX85C33G BZX85C36G BZX85C39G BZX85C43G BZX85C47G BZX85C51G BZX85C56G BZX85C62G BZX85C68G BZX85C75G BZX85C82G BZX85C91G BZX85C100G BZX85C110G BZX85C120G BZX85C130G BZX85C150G BZX85C160G BZX85C180G BZX85C200G
Nominal Zener Voltage (1)
VZ @ IZT (V) 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 IZT (mA) 80 80 80 60 60 50 45 45 45 35 35 35 25 25 25 20 20 20 15 15 15 10 10 10 8.0 8.0 8.0 8.0 6.0 6.0 4.0 4.0 4.0 4.0 4.0 4.0 2.7 2.7 2.7 2.7 2.0 2.0 2.0 1.5 1.5 1.5
Maximum Zener Impedance, f = 1kHz
ZZT @ IZT () 20 20 20 15 15 13 13 10 7.0 4.0 3.5 3.0 5.0 5.0 7.0 8.0 9.0 10 10 15 20 24 25 25 30 30 35 40 50 50 90 115 120 125 130 135 200 250 350 450 550 700 1000 1100 1200 1500 ZZK @ IZK () 400 400 400 500 500 500 500 500 400 300 300 200 200 200 200 300 350 400 500 500 500 600 600 600 750 1000 1000 1000 1000 1000 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 4500 5000 6000 6500 7000 8000 IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Maximum Reverse Maximum DC Leakage Current Zener Current
IR @ VR (V) (A) 150 100 40 20 10 3.0 3.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.0 3.0 4.0 4.5 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 IZM (2) (mA) 370 340 320 290 280 250 215 200 190 170 155 140 130 120 105 97 88 79 71 66 62 56 52 47 41 36 33 30 28 26 23 21 19 16 15 14 12 10 9.4 8.6 7.8 7.0 6.4 5.8 5.2 4.7
Temp. coefficient of Zener Voltage mvz(% / C)
min. -0.08 -0.08 -0.08 -0.08 -0.07 -0.05 -0.03 -0.01 0 0.010 0.015 0.020 0.030 0.040 0.450 0.045 0.045 0.050 0.055 0.055 0.060 0.060 0.060 0.060 0.060 0.060 0.060 0.060 0.060 0.060 0.060 0.060 0.060 0.060 0.055 0.055 0.055 0.055 0.055 0.055 0.055 0.055 0.055 0.055 0.055 0.055 max. -0.05 -0.05 -0.05 -0.05 -0.02 0.010 0.040 0.040 0.045 0.055 0.060 0.065 0.070 0.075 0.080 0.080 0.085 0.085 0.090 0.090 0.090 0.090 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.095
Notes: (1) Measured with pulses tp = 5 ms (2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case (3) The type number listed have a standard tolerance on the nominal zener voltage of 5%.
Page 2 of 2
Rev. 04 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of BZX85C3V0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X